Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T08Y
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T08Y Datasheet HTML 6Page - STMicroelectronics M48T08Y Datasheet HTML 7Page - STMicroelectronics M48T08Y Datasheet HTML 8Page - STMicroelectronics M48T08Y Datasheet HTML 9Page - STMicroelectronics M48T08Y Datasheet HTML 10Page - STMicroelectronics M48T08Y Datasheet HTML 11Page - STMicroelectronics M48T08Y Datasheet HTML 12Page - STMicroelectronics M48T08Y Datasheet HTML 13Page - STMicroelectronics M48T08Y Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Operation modes
M48T08, M48T08Y, M48T18
10/31
Doc ID 2411 Rev 11
Table 3.
READ mode AC characteristics
Note:
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V
(except where noted).
2.2
WRITE mode
The M48T08/18/08Y is in the WRITE mode whenever W, E1, and E2 are active. The start of
a WRITE is referenced from the latter occurring falling edge of W or E1, or the rising edge of
E2. A WRITE is terminated by the earlier rising edge of W or E1, or the falling edge of E2.
The addresses must be held valid throughout the cycle. E1 or W must return high or E2 low
for a minimum of tE1HAX or tE2LAX from chip enable or tWHAX from WRITE enable prior to the
initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to the end of
WRITE and remain valid for tWHDX afterward. G should be kept high during WRITE cycles to
avoid bus contention; however, if the output bus has been activated by a low on E1 and G
and a high on E2, a low on W will disable the outputs tWLQZ after W falls.
Symbol
Parameter(1)
M48T08/M48T18/T08Y
Unit
–100/–10 (T08Y)
–150/–15 (T08Y)
Min
Max
Min
Max
tAVAV
READ cycle time
100
150
ns
tAVQV
Address valid to output valid
100
150
ns
tE1LQV
Chip enable 1 low to output valid
100
150
ns
tE2HQV
Chip enable 2 high to output valid
100
150
ns
tGLQV
Output enable low to output valid
50
75
ns
tE1LQX
Chip enable 1 low to output transition
10
10
ns
tE2HQX
Chip enable 2 high to output transition
10
10
ns
tGLQX
Output enable low to output transition
5
5
ns
tE1HQZ
Chip enable 1 high to output Hi-Z
50
75
ns
tE2LQZ
Chip enable 2 low to output Hi-Z
50
75
ns
tGHQZ
Output enable high to output Hi-Z
40
60
ns
tAXQX
Address transition to output transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com