Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT49GK Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # STT49GK
Description  Thyristor-Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STT49GK Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  STT49GK Datasheet HTML 1Page - Sirectifier Global Corp. STT49GK Datasheet HTML 2Page - Sirectifier Global Corp. STT49GK Datasheet HTML 3Page - Sirectifier Global Corp. STT49GK Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STT49B
49B
.
3 STD
.
0
0
Pvtot
Pvtot
IRMS
100
300
400
W
A
Fig.4L Power dissipation of three modules vs. direct and rms current
200
ID
w3
B6
0
0
100
200
50
300
W
100
Fig.4R Power dissipation of three modules vs. case temp
Ta
Tc
C
O
C
O
150
Rth(c-a)
400
3
STT49B
49B
.
STD
.
10
0
100
10
1000
A/us
Fig.5 Recovered charge vs. current decrease
100
1/2
1/2
uC
Tvj=125 C
o
0
0.001
0.01
K/W
100
Fig.6 Transient thermal impedance vs. time
t
Zth
STT49B
49B
STD
.
1/2
1/2
.
Zth(j-s)
Zth(j-c)
0.1
1
10 s
0.4
0.8
STT49B
49B
.
STD
.
0
0
100
Fig.7 On-state charactristics
1/2
1/2
A
50
IT
Vt 0.5
1
1.5
2
V 2.5
typ.
max.
Fig.8 Surge overload current vs. time
1
t
10
100
ms 1000
0.4
0.6
0.8
1
1.2
1.4
1.6
IT(OV)
ITSM
2
STT
49B
49B
STD
.
1/2
1/2
.
1 VRRM
.
0.5 VRRM
.
0 VRRM
.
ITSM(25 C) =1000A
O
ITSM(125 C)=850A
O
Thyristor-Thyristor Modules
STT49GKxxB
50
100
K/W
0.4
. 0.1
0.35
Qrr
-di /dt
T
1.2
Tvj=25 C
O
_
_
Tvj=125 C
O
- -
500
150
500
124
114
104
94
84
74
64
1.5
1
0.8
0.6
0.5
0.3
0.25
0.2
0 18
.
0 16
.
0.08
.04
0.06 0
5A
10A
20A
50A
100A
ITM=
5
150
200
250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com