Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T58
Description  5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T58_11 Datasheet HTML 17Page - STMicroelectronics M48T58_11 Datasheet HTML 18Page - STMicroelectronics M48T58_11 Datasheet HTML 19Page - STMicroelectronics M48T58_11 Datasheet HTML 20Page - STMicroelectronics M48T58_11 Datasheet HTML 21Page - STMicroelectronics M48T58_11 Datasheet HTML 22Page - STMicroelectronics M48T58_11 Datasheet HTML 23Page - STMicroelectronics M48T58_11 Datasheet HTML 24Page - STMicroelectronics M48T58_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
M48T58, M48T58Y
Maximum ratings
Doc ID 2412 Rev 8
21/33
7
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 6.
Absolute maximum ratings
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT® sockets.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
0 to 70
°C
TSTG
Storage temperature (VCC off, oscillator off)
–40 to 85
°C
TSLD
(1)(2)(3)
1.
For DIP package, soldering temperature of the IC leads is to not exceed 260 °C for 10 seconds.
Furthermore, the devices shall not be exposed to IR reflow nor preheat cycles (as performed as part of
wave soldering). ST recommends the devices be hand-soldered or placed in sockets to avoid heat
damage to the batteries.
2.
For DIP packaged devices, ultrasonic vibrations should not be used for post-solder cleaning to avoid
damaging the crystal.
3.
For SOH28 package, lead-free (Pb-free) lead finish: reflow at peak temperature of 260°C (the time above
255°C must not exceed 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to 7
V
VCC
Supply voltage
–0.3 to 7
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com