Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T58
Description  5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T58 Datasheet HTML 7Page - STMicroelectronics M48T58 Datasheet HTML 8Page - STMicroelectronics M48T58 Datasheet HTML 9Page - STMicroelectronics M48T58 Datasheet HTML 10Page - STMicroelectronics M48T58 Datasheet HTML 11Page - STMicroelectronics M48T58 Datasheet HTML 12Page - STMicroelectronics M48T58 Datasheet HTML 13Page - STMicroelectronics M48T58 Datasheet HTML 14Page - STMicroelectronics M48T58 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
M48T58, M48T58Y
WRITE mode
Doc ID 2412 Rev 8
11/33
4
WRITE mode
The M48T58/Y is in the WRITE mode whenever W and E1 are low and E2 is high. The start
of a WRITE is referenced from the latter occurring falling edge of W or E1, or the rising edge
of E2. A WRITE is terminated by the earlier rising edge of W or E1, or the falling edge of E2.
The addresses must be held valid throughout the cycle. E1 or W must return high or E2 low
for a minimum of tE1HAX or tE2LAX from chip enable or tWHAX from WRITE enable prior to the
initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to the end of
WRITE and remain valid for tWHDX afterward. G should be kept high during WRITE cycles to
avoid bus contention; although, if the output bus has been activated by a low on E1 and G
and a high on E2, a low on W will disable the outputs tWLQZ after W falls.
Figure 6.
WRITE enable controlled, WRITE AC waveform
AI00963
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A12
E1
W
DQ0-DQ7
VALID
E2
tAVWH
tAVE1L
tAVE2H
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com