Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555 Datasheet(PDF) 13 Page - STMicroelectronics

Part # NE555
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button NE555_12 Datasheet HTML 9Page - STMicroelectronics NE555_12 Datasheet HTML 10Page - STMicroelectronics NE555_12 Datasheet HTML 11Page - STMicroelectronics NE555_12 Datasheet HTML 12Page - STMicroelectronics NE555_12 Datasheet HTML 13Page - STMicroelectronics NE555_12 Datasheet HTML 14Page - STMicroelectronics NE555_12 Datasheet HTML 15Page - STMicroelectronics NE555_12 Datasheet HTML 16Page - STMicroelectronics NE555_12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NE555 - SA555 - SE555
Application information
Doc ID 2182 Rev 6
13/20
Figure 20 shows the waveforms generator by the linear ramp.
The time interval is given by:
Figure 20.
Linear ramp
4.5
50% duty cycle oscillator
For a 50% duty cycle, the resistors RA and RB can be connected as in Figure 21. The time
period for the output high is the same as for astable operation (see Section 4.2 on page 9):
t1 = 0.693 RA C
For the output low it is
Thus the frequency of oscillation is:
T =
(2/3 Vcc RE (R1+R2) C
R1 Vcc - VBE (R1+R2)
---------------------------------------------------------------- VBE = 0.6V
VCC = 5 V
Time:
20 µs/DIV
R1 + 47 kΩ
R2 = 100 kΩ
RE = 2.7 kΩ
C = 0.01 µF
Top trace: input 3 V/DIV
Middle trace: output 5 V/DIV
Bottom trace: output 5 V/DIV
Bottom trace: capacitor voltage 1 V/DIV
t
2
[(R. RB)/(RA+RB)].C.Ln
RB
2RA
–
2RB
RA
–
---------------------------
=
f
1
t1
t2
+
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com