Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555DT Datasheet(PDF) 9 Page - STMicroelectronics

Part # NE555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555DT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button NE555DT Datasheet HTML 5Page - STMicroelectronics NE555DT Datasheet HTML 6Page - STMicroelectronics NE555DT Datasheet HTML 7Page - STMicroelectronics NE555DT Datasheet HTML 8Page - STMicroelectronics NE555DT Datasheet HTML 9Page - STMicroelectronics NE555DT Datasheet HTML 10Page - STMicroelectronics NE555DT Datasheet HTML 11Page - STMicroelectronics NE555DT Datasheet HTML 12Page - STMicroelectronics NE555DT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NE555 - SA555 - SE555
Application information
Doc ID 2182 Rev 6
9/20
Figure 13.
Waveforms in monostable operation
Figure 14.
Pulse duration versus R1C1
4.2
Astable operation
When the circuit is connected as shown in Figure 15 (pins 2 and 6 connected) it triggers
itself and free runs as a multi-vibrator. The external capacitor charges through R1 and R2
and discharges through R2 only. Thus the duty cycle can be set accurately by adjusting the
ratio of these two resistors.
In the astable mode of operation, C1 charges and discharges between 1/3 VCC and 2/3 VCC.
As in the triggered mode, the charge and discharge times and, therefore, frequency are
independent of the supply voltage.
CAPACITOR VOLTAGE = 2.0V/div
t = 0.1 ms / div
INPUT = 2.0V/div
OUTPUT VOLTAGE = 5.0V/div
R1 = 9.1k
Ω, C1 = 0.01μF, R = 1kΩ
L
C
(
μF)
10
1.0
0.1
0.01
0.001
10
100
1.0
10
100
10
(t )
d
μs
μs
ms
ms
mss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com