Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT2632C2A Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBT2632C2A Datasheet HTML 9Page - STMicroelectronics SPBT2632C2A Datasheet HTML 10Page - STMicroelectronics SPBT2632C2A Datasheet HTML 11Page - STMicroelectronics SPBT2632C2A Datasheet HTML 12Page - STMicroelectronics SPBT2632C2A Datasheet HTML 13Page - STMicroelectronics SPBT2632C2A Datasheet HTML 14Page - STMicroelectronics SPBT2632C2A Datasheet HTML 15Page - STMicroelectronics SPBT2632C2A Datasheet HTML 16Page - STMicroelectronics SPBT2632C2A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPBT2632C2A
Hardware specifications
Doc ID 022833 Rev 4
13/27
5.7
Pin assignment
Table 7.
Pin assignment
Name
Type
Pin#
Description
ALT function(1)
1.
Please note that the usage of ALT function is dependant upon the firmware that is loaded into the module,
and is beyond the scope of this document. The AT command interface uses the main UART by default.
5 V
tolerant
UART interface
RXD
I
13
Receive data
ADC 3
Y
TXD
O
14
Transmit data
ADC 2
Y
RTS
O
12
Request to send (active low)
ADC 0 I2C clock/aux UART
Rx
Y
CTS
I
11
Clear to send (active low)
ADC 1 I2C data/aux UART
Tx
Y
Boot loader
Boot 0
I
9
Boot 0
Power and ground
Vin
8
Vin
GND
7
GND
Reset
RESETN
I
10
Reset input (active low for 5 ms)
2.5 V
max.
LPO
LPO
I
15
LPO input
GPIO - general purpose input/output
GPIO [1]
I/O
1
General purpose input/output
SPI MISO
Y
GPIO [2]
I/O
2
General purpose input/output
SPI MOSI/I2S_SD
Y
GPIO [3]
I/O
3
General purpose input/output
SPI SCLK/I2S_CK
Y
GPIO [4]
I/O
4
General purpose input/output
SPI SS/I2S_WS
Y
GPIO [5]
I/O
5
General purpose input/output
Y
GPIO [6]
I/O
6
General purpose input/output
DAC
Y
GPIO [7]
I/O
16
General purpose input/output
ADC 4
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com