Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60L5 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC56EL60L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60L5 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC56EL60L5 Datasheet HTML 103Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 104Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 105Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 106Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 107Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 108Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 109Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 110Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 160 page
background image
SPC56XL60/54
Electrical characteristics
Doc ID 15457 Rev 8
107/160
Figure 5.
BCP68 board schematic example
Note:
The combined ESR of the capacitors used on 1.2 V pins (V1V2 in the picture) shall be in the
range of 1 m
Ω to 100 mΩ. The minimum value of the ESR is constrained by the resonance
caused by the external components, bonding inductance, and internal decoupling. The
minimum ESR is required to avoid the resonance and make the regulator stable.
3.9
DC electrical characteristics
Table 20 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx <3.6 V).
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
SPC56XL60/54
BCP68
Table 20.
DC electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
D Minimum low level input voltage
—
–0.1(2)
——
V
VIL
P Maximum level input voltage
—
—
—
0.35 VDD_HV_IOx
V
VIH
P Minimum high level input voltage
—
0.65 VDD_HV_IOx
——
V
VIH
D Maximum high level input voltage
—
—
—
VDD_HV_IOx +0.1
(2)
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOL_S
P Slow, low level output voltage
IOL =1.5 mA
—
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com