Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60L5 Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPC56EL60L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60L5 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPC56EL60L5 Datasheet HTML 145Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 146Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 147Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 148Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 149Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 150Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 151Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 152Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
SPC56XL60/54
Ordering information
Doc ID 15457 Rev 8
149/160
5
Ordering information
Figure 43. Commercial product code structure(d)
d.
Not all configurations are available on the market. Please contact your ST Sales Rappresentative to get the list of orderable
commercial part number.
Memory
Conditioning
Core Family
Y=Tray
R = Tape and Reel
Q = Quality management safety level
S = ASILD/SIL3 safety level
O = No FlexRay
F=FlexRay
C=80 MHz
B = 120 MHz
B = –40 °C to 105 °C
C = –40 °C to 125 °C
L3 = LQFP100
L5 = LQFP144
60 = 1 MB flash memory
54 = 768 K flash memory
L = SPC56XL family
E = e200z4d dual core
4=Single core
SPC56 = Power Architecture in 90 nm
Temperature
Package
Device options
SPC56
60
Y
EL
C
L5
B
Example code:
Product identifier
FQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com