Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60L5 Datasheet(PDF) 158 Page - STMicroelectronics

Part # SPC56EL60L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60L5 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button SPC56EL60L5 Datasheet HTML 152Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 153Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 154Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 155Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 156Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 157Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 158Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 159Page - STMicroelectronics SPC56EL60L5 Datasheet HTML 160Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 158 / 160 page
background image
Revision history
SPC56XL60/54
158/160
Doc ID 15457 Rev 8
01-Aug-2012
8
(cont.)
Changed min value to ‘-72’ for symbol ‘THD’.
–In Table 26 (ADC conversion characteristics), changed ADC specification
parameter ‘THD’ minimum limit from -72 to -65dB.
–In Table 27 (Flash memory program and erase electrical specifications),
changes done are as follows:
TDWPROGRAM, changed typical value from ‘39’ to ‘38’.
TPPROGRAM, changed typical value from ‘48’ to ‘45’ and intial max value from
‘100’ to ‘160’.
T16KPPERASE, inserted typical value ‘270’ and factory avg ‘1000’.
T48KPPERASE, inserted typical value ‘625’ and factory avg ‘1500’.
T64KPPERASE, inserted typical value ‘800’ and factory avg ‘1800’.
T128KPPERASE, inserted typical value ‘1500’ and factory avg ‘2600’.
T256KPPERASE, inserted typical value ‘3000’ and factory avg ‘5200’.
Updated table footnote and removed min column in Table 27 (Flash memory
program and erase electrical specifications)
–In Table 28 (Flash memory timing), added symbol TPSRT ,TESRT and added
table footnote for TPSRT ,TESRT .
– Added Table 30 (MPC5643L SWG Specifications)
–In Table 30 (MPC5643L SWG Specifications)
Added table footnote for Common Mode.
Changed text from “internal device pad resistance” to “internal device routing
resistance”.
– Added Figure 27 in Section 3.20.4, “Nexus timing”.
–In Table 31 (Pad AC specifications (3.3 V , IPP_HVE = 0 )), removed the row
of pad “Pull Up/Downc(3.6 V max)”.
–In Figure 43, updated part numbers (changed ‘PPC’ to ‘SPC’ and ‘F0’ to
‘F2’).
–Replaced Figure 41, Figure 42 with the new versions.
–InTable 19 (Voltage regulator electrical specifications),changed the symbol
of spec external decoupling capacitor from SR to Cext.
In Figure 5, changed the ESR range in note text to 1 mW to 100 mW from
30 mW to 150 mW.
–In Section 1.5.32, “Sine Wave Generator (SWG)” removed the following text:
Frequency range from 1kHz to 50kHz.
Sine wave amplitude from 0.47 V to 2.26 V.
–In Table 21 (Current consumption characteristics),changed symbol from ‘C’
to ‘T’ , added “operating current” to the parameter and updated the maximum
value for five additional RunIDD parameters.
–In Table 21 (Current consumption characteristics), changed “Conditions”
from ‘1.2 V supplies’ to ‘1.2 V supplies during LBIST (full LBIST
configuration)’ for all the parameters.
Removed Table “SWG electrical characteristics”.
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com