Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P60X Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC560P60X
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60X Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC560P60X Datasheet HTML 28Page - STMicroelectronics SPC560P60X Datasheet HTML 29Page - STMicroelectronics SPC560P60X Datasheet HTML 30Page - STMicroelectronics SPC560P60X Datasheet HTML 31Page - STMicroelectronics SPC560P60X Datasheet HTML 32Page - STMicroelectronics SPC560P60X Datasheet HTML 33Page - STMicroelectronics SPC560P60X Datasheet HTML 34Page - STMicroelectronics SPC560P60X Datasheet HTML 35Page - STMicroelectronics SPC560P60X Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Package pinouts and signal descriptions
SPC56xP54x, SPC56xP60x
32/104
Doc ID 18340 Rev 3
MDO7
Nexus Message Data Output—line 7
Output
Only
Fast
—
—
110
MDO8
Nexus Message Data Output—line 8
Output
Only
Fast
—
—
111
MDO9
Nexus Message Data Output—line 9
Output
Only
Fast
—
—
112
MDO10
Nexus Message Data Output—line 10
Output
Only
Fast
—
—
166
MDO11
Nexus Message Data Output—line 11
Output
Only
Fast
—
—
171
RDY
Nexus ready output
Output
Only
—
—
—
—
172
NMI
Non-Maskable Interrupt
Input Only
—
—
1
1
1
XTAL
Analog output of the oscillator amplifier
circuit. Needs to be grounded if oscillator is
used in bypass mode.
——
—
18
29
37
EXTAL
Analog input of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
——
—
19
30
38
TMS(3)
JTAG state machine control
Input Only
—
—
59
87
105
TCK(3)
JTAG clock
Input Only
—
—
60
88
106
TDI(3)
JTAG data input
Input Only
—
—
58
86
104
TDO(3)
JTAG data output
Output
Only
—
—
61
89
107
Reset pin
RESET(4)
Bidirectional reset with Schmitt trigger
characteristics and
noise filter
Bidirec-
tional
Medium
—
20
31
39
Test pin
VPP TEST
Pin for testing purpose only. To be tied to
ground in normal operating mode.
—
—
—
74
107
131
VREG_BYPASS
Pin for testing purpose only. To be tied to
ground in normal operating mode.
——
—
34
51
59
1.
SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register.
2.
LQFP176 available only as development package.
3.
In this pin there is an internal pull, refer to JTAGC chapter in the device reference manual for pull direction.
4.
Its configuration can be set up by the PCR[108] register inside the SIU module. See SIUL chapter in the device reference
manual.
Table 6.
System pins (continued)
Symbol
Description
Direction
Pad Speed(1)
Pin
SRC=0 SRC=1
LQFP
100
LQFP
144
LQFP
176(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com