Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL54X Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 14Page - STMicroelectronics SPC56EL54X Datasheet HTML 15Page - STMicroelectronics SPC56EL54X Datasheet HTML 16Page - STMicroelectronics SPC56EL54X Datasheet HTML 17Page - STMicroelectronics SPC56EL54X Datasheet HTML 18Page - STMicroelectronics SPC56EL54X Datasheet HTML 19Page - STMicroelectronics SPC56EL54X Datasheet HTML 20Page - STMicroelectronics SPC56EL54X Datasheet HTML 21Page - STMicroelectronics SPC56EL54X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
Introduction
SPC56XL60/54
18/160
Doc ID 15457 Rev 8
1.5.13
System clocks and clock generation
The following list summarizes the system clock and clock generation on this device:
●
Lock status continuously monitored by lock detect circuitry
●
Loss-of-clock (LOC) detection for reference and feedback clocks
●
On-chip loop filter (for improved electromagnetic interference performance and fewer
external components required)
●
Programmable output clock divider of system clock (
÷1, ÷2, ÷4, ÷8)
●
FlexPWM module and as many as three eTimer modules running on an auxiliary clock
independent from system clock (with max frequency 120 MHz)
●
On-chip crystal oscillator with automatic level control
●
Dedicated internal 16 MHz internal RC oscillator for rapid start-up
–
Supports automated frequency trimming by hardware during device startup and by
user application
●
Auxiliary clock domain for motor control periphery (FlexPWM, eTimer, CTU, ADC, and
SWG)
1.5.14
Frequency-Modulated Phase-Locked Loop (FMPLL)
Each device has two FMPLLs.
Each FMPLL allows the user to generate high speed system clocks starting from a minimum
reference of 4 MHz input clock. Further, the FMPLL supports programmable frequency
modulation of the system clock. The FMPLL multiplication factor, output clock divider ratio
are all software configurable. The FMPLLs have the following major features:
●
Input frequency: 4–40 MHz continuous range (limited by the crystal oscillator)
●
Voltage controlled oscillator (VCO) range: 256–512 MHz
●
Frequency modulation via software control to reduce and control emission peaks
–
Modulation depth ±2% if centered or 0% to –4% if downshifted via software control
register
–
Modulation frequency: triangular modulation with 25 kHz nominal rate
●
Option to switch modulation on and off via software interface
●
Output divider (ODF) for reduced frequency operation without re-lock
●
3 modes of operation
–
Bypass mode
–
Normal FMPLL mode with crystal reference (default)
–
Normal FMPLL mode with external reference
●
Lock monitor circuitry with lock status
●
Loss-of-lock detection for reference and feedback clocks
●
Self-clocked mode (SCM) operation
●
On-chip loop filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com