Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P54L5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC560P54L5
Description  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P54L5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC560P54L5 Datasheet HTML 14Page - STMicroelectronics SPC560P54L5 Datasheet HTML 15Page - STMicroelectronics SPC560P54L5 Datasheet HTML 16Page - STMicroelectronics SPC560P54L5 Datasheet HTML 17Page - STMicroelectronics SPC560P54L5 Datasheet HTML 18Page - STMicroelectronics SPC560P54L5 Datasheet HTML 19Page - STMicroelectronics SPC560P54L5 Datasheet HTML 20Page - STMicroelectronics SPC560P54L5 Datasheet HTML 21Page - STMicroelectronics SPC560P54L5 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Introduction
SPC56xP54x, SPC56xP60x
18/104
Doc ID 18340 Rev 3
1.5.13
Software watchdog timer (SWT)
The SWT has the following features:
●
Fault tolerant output
●
Safe internal RC oscillator as reference clock
●
Windowed watchdog
●
Program flow control monitor with 16-bit pseudorandom key generation
The SWT module is replicated for each processor.
1.5.14
Fault collection and control unit (FCCU)
The FCCU provides an independent fault reporting mechanism even if the CPU is exhibiting
unstable behaviors. The FCCU module has the following features:
●
Redundant collection of hardware checker results
●
Redundant collection of error information and latch of faults from critical modules on
the device
●
Collection of self-test results
●
Configurable and graded fault control
–
Internal reactions (no internal reaction, IRQ)
–
External reaction (failure is reported to the external/surrounding system via
configurable output pins)
1.5.15
System integration unit (SIUL)
The SPC56xP54/60 SIUL controls MCU pad configuration, external interrupts, general
purpose I/O (GPIO) pin configuration, and internal peripheral multiplexing.
The pad configuration block controls the static electrical characteristics of I/O pins. The
GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU.
The SIUL provides the following features:
●
Centralized general purpose input output (GPIO) control of input/output pins and
analog input-only pads (package dependent)
●
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
●
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
●
All peripheral pins (except ADC channels) can be alternatively configured as both
general purpose input or output pins
●
ADC channels support alternative configuration as general purpose inputs
●
Direct readback of the pin value is supported on all pins through the SIU
●
Configurable digital input filter that can be applied to some general purpose input pins
for noise elimination
–
Up to 4 internal functions can be multiplexed onto one pin
1.5.16
Boot and censorship
Different booting modes are available in the SPC56xP54/60:
●
From internal flash memory
●
Via a serial link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com