Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54X Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC564L54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54X Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC564L54X Datasheet HTML 66Page - STMicroelectronics SPC564L54X Datasheet HTML 67Page - STMicroelectronics SPC564L54X Datasheet HTML 68Page - STMicroelectronics SPC564L54X Datasheet HTML 69Page - STMicroelectronics SPC564L54X Datasheet HTML 70Page - STMicroelectronics SPC564L54X Datasheet HTML 71Page - STMicroelectronics SPC564L54X Datasheet HTML 72Page - STMicroelectronics SPC564L54X Datasheet HTML 73Page - STMicroelectronics SPC564L54X Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
Package pinouts and signal descriptions
SPC56XL60/54
70/160
Doc ID 15457 Rev 8
2.2
Supply pins
U15
G[11]
SIUL
GPIO[107]
GPIO[107]
FlexRay
DBG3
—
FlexPWM_0
—
FAULT[3]
U16
VSS_HV_IO_RING
—
U17
VSS_HV_IO_RING
—
1.
VPP_TEST should always be tied to ground (VSS) for normal operations.
Table 5.
LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function
Table 6.
Supply pins
Supply
Pin #
Symbol
Description
100
pkg
144
pkg
257
pkg
VREG control and power supply pins
BCTRL
Voltage regulator external NPN ballast base control pin
47
69
R13
VDD_LV_COR
Core logic supply
48
70
VDD_LV(1)
VSS_LV_COR
Core regulator ground
49
71
VSS_LV(2)
VDD_HV_PMU Voltage regulator supply
50
72
U14
ADC_0/ADC_1 reference voltage and ADC supply
VDD_HV_ADR0 ADC_0 high reference voltage
33
50
R7
VSS_HV_ADR0 ADC_0 low reference voltage
34
51
T7
VDD_HV_ADR1 ADC_1 high reference voltage
39
56
R9
VSS_HV_ADR1 ADC_1 low reference voltage
40
57
T9
VDD_HV_ADV
ADC voltage supply for ADC_0 and ADC_1
41
58
U9
VSS_HV_ADV
ADC ground for ADC_0 and ADC_1
42
59
U10
Power supply pins (3.3 V)
VDD_HV_IO
3.3 V Input/Output supply voltage
—
6
VDD_HV(3)
VSS_HV_IO
3.3 V Input/Output ground
—
7
VSS_HV(4)
VDD_HV_REG_0 VDD_HV_REG_0
10
16
J3
VDD_HV_IO
3.3 V Input/Output supply voltage
13
21
VDD_HV(3)
VSS_HV_IO
3.3 V Input/Output ground
14
22
VSS_HV(4)
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
16
27
M1
VSS_HV_OSC
Crystal oscillator amplifier ground
17
28
P1
VSS_HV_IO
3.3 V Input/Output ground
62
90
VSS_HV(4)
VDD_HV_IO
3.3 V Input/Output supply voltage
63
91
VDD_HV(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com