Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54L5 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPC564L54L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54L5 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPC564L54L5 Datasheet HTML 104Page - STMicroelectronics SPC564L54L5 Datasheet HTML 105Page - STMicroelectronics SPC564L54L5 Datasheet HTML 106Page - STMicroelectronics SPC564L54L5 Datasheet HTML 107Page - STMicroelectronics SPC564L54L5 Datasheet HTML 108Page - STMicroelectronics SPC564L54L5 Datasheet HTML 109Page - STMicroelectronics SPC564L54L5 Datasheet HTML 110Page - STMicroelectronics SPC564L54L5 Datasheet HTML 111Page - STMicroelectronics SPC564L54L5 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 160 page
background image
Electrical characteristics
SPC56XL60/54
108/160
Doc ID 15457 Rev 8
3.10
Supply current characteristics
Current consumption data is given in Table 21. These specifications are design targets and
are subject to change per device characterization.
VOH_S
P Slow, high level output voltage
IOH = –
1.5 mA
VDD_HV_IOx –
0.8
——
V
VOL_M
P Medium, low level output voltage
IOL =2 mA
—
—
0.5
V
VOH_M
P Medium, high level output voltage
IOH =–2mA
VDD_HV_IOx –
0.8
——
V
VOL_F
P Fast, high level output voltage
IOL =1.5 mA
—
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH =–
1.5 mA
VDD_HV_IOx –
0.8
——
V
VOL_SYM P
Symmetric, high level output
voltage
IOL =1.5 mA
—
—
0.5
V
VOH_SYM P
Symmetric, high level output
voltage
IOH =–
1.5 mA
VDD_HV_IOx –
0.8
——
V
IINJ
T DC injection current per pin
—
–1
—
1
mA
IPU
P Equivalent pull-up current
VIN =VIL
–130
—
—
µA
VIN =VIH
—
—
–10
IPD
P Equivalent pull-down current
VIN =VIL
10
—
—
µA
VIN =VIH
—
—
130
IIL
P
Input leakage current
(all bidirectional ports)
TJ = –40 to
+150 °C
-1
—
1
μA
Input leakage current
(all ADC input-only ports)
-0.5
—
0.5
Input leakage current
(shared ADC input-only ports)
-1
—
1
VILR
P RESET, low level input voltage
—
–0.1(2)
—0.35 VDD_HV_IOx
V
VIHR
P RESET, high level input voltage
—
0.65 VDD_HV_IOx
—VDD_HV_IOx+0.1
(2)
V
VHYSR
D RESET, Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOLR
D RESET, low level output voltage
IOL =2 mA
—
—
0.5
V
IPD
D
RESET, equivalent pull-down
current
VIN =VIL
10
—
—
µA
VIN =VIH
—
—
130
1.
These specifications are design targets and subject to change per device characterization.
2.
“SR” parameter values must not exceed the absolute maximum ratings shown in Table 9.
Table 20.
DC electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com