Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54L5 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC564L54L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54L5 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC564L54L5 Datasheet HTML 105Page - STMicroelectronics SPC564L54L5 Datasheet HTML 106Page - STMicroelectronics SPC564L54L5 Datasheet HTML 107Page - STMicroelectronics SPC564L54L5 Datasheet HTML 108Page - STMicroelectronics SPC564L54L5 Datasheet HTML 109Page - STMicroelectronics SPC564L54L5 Datasheet HTML 110Page - STMicroelectronics SPC564L54L5 Datasheet HTML 111Page - STMicroelectronics SPC564L54L5 Datasheet HTML 112Page - STMicroelectronics SPC564L54L5 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 160 page
background image
SPC56XL60/54
Electrical characteristics
Doc ID 15457 Rev 8
109/160
Table 21.
Current consumption characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
IDD_LV_FULL
+IDD_LV_PLL
T Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
50 mA+
2.18 mA*fCPU[MHz]
mA
1.2 V supplies
TJ = 150 °C
VDD_LV_COR =1.32V
——
80 mA+
2.50 mA*fCPU[MHz]
IDD_LV_TYP
+IDD_LV_PLL
(2)
T Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
26 mA+
2.10 mA*fCPU[MHz]
mA
1.2 V supplies
TJ = 150 °C
VDD_LV_COR =1.32V
——
41 mA+
2.30 mA*fCPU[MHz]
IDD_LV_TYP
+IDD_LV_PLL
(2)
P Operating current
1.2 V supplies
TJ =ambient
VDD_LV_COR =1.32V
——
279 mA
mA
1.2 V supplies
TJ = 150 °C
VDD_LV_COR =1.32V
——
318 mA
IDD_LV_BIST
+IDD_LV_PLL
T Operating current
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ =ambient
VDD_LV_COR =1.32V
——
250
mA
1.2 V supplies during
LBIST (full LBIST
configuration)
TJ = 150 °C
VDD_LV_COR =1.32V
——
290
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2V supplies
Tj=105C
VDD_LV_COR = 1.2V
——
275
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2V supplies
Tj=125C
VDD_LV_COR = 1.2V
——
299
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2V supplies
Tj=105C
VDD_LV_COR = 1.2V
DPM Mode
——
189
mA
IDD_LV_TYP +
IDD_LV_PLL
T Operating current
1.2V supplies
Tj=125C
VDD_LV_COR = 1.2V
DPM Mode
——
214
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com