Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC64B3 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC56EC64B3
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC64B3 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC56EC64B3 Datasheet HTML 61Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 62Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 63Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 64Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 65Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 66Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 67Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 68Page - STMicroelectronics SPC56EC64B3 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
65/118
The internal voltage regulator requires external bulk capacitance (CREGn) to be connected
to the device to provide a stable low voltage digital supply to the device. Also required for
stability is the CDEC2 capacitor at ballast collector. This is needed to minimize sharp
injection current when ballast is turning ON. Apart from the bulk capacitance, user should
connect EMI/decoupling cap (CREGP) at each VDD_LV/VSS_LV pin pair.
Recommendations
●
The external NPN driver must be BCP68 type.
●
VDD_LV should be implemented as a power plane from the emitter of the ballast
transistor.
●
10
μF capacitors should be connected to the 4 pins closest to the outside of the
package and should be evenly distributed around the package. For BGA packages, the
balls should be used are D8, H14, R9, J3–one cap on each side of package.
–
There should be a track direct from the capacitor to this pin (pin also connects to
VDD_LV plane). The tracks ESR should be less than 100 mΩ.
–
The remaining VDD_LV pins (exact number will vary with package) should be
decoupled with 0.1
μF caps, connected to the pin as per 10 μF.
(see Section 4.4: Recommended operating conditions).
4.8.2
VDD_BV options
●
Option 1: VDD_BV shared with VDD_HV_A
VDD_BV must be star routed from VDD_HV_A from the common source. This is to
eliminate ballast noise injection on the MCU.
●
Option 2: VDD_BV independent of the MCU supply
VDD_BV > 2.6 V for correct functionality. The device is not monitoring this supply hence
the external component must meet the 2.6 V criteria through external monitoring if
required.
Table 23.
Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
CREGn
SR — External ballast stability capacitance
—
40
—
60
μF
RREG
SR —
Stability capacitor equivalent serial
resistance
——
—
0.2
W
CREGP
SR —
Decoupling capacitance (Close to
the pin)
VDD_HV_A/HV_B/VSS_HV
pair
100
—
nF
VDD_LV/VSS_LV pair
100
—
nF
CDEC2
SR —
Stability capacitance regulator
supply (Close to the ballast
collector)
VDD_HV_A/VSS_HV
10
—
40
μF
VMREG
CC P Main regulator output voltage
Before trimming
—
1.32
—
V
After trimming
—
1.28
—
IMREG
SR —
Main regulator current provided to
VDD_LV domain
——
—
350
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com