Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 158Page - STMicroelectronics ST10F280_12 Datasheet HTML 159Page - STMicroelectronics ST10F280_12 Datasheet HTML 160Page - STMicroelectronics ST10F280_12 Datasheet HTML 161Page - STMicroelectronics ST10F280_12 Datasheet HTML 162Page - STMicroelectronics ST10F280_12 Datasheet HTML 163Page - STMicroelectronics ST10F280_12 Datasheet HTML 164Page - STMicroelectronics ST10F280_12 Datasheet HTML 165Page - STMicroelectronics ST10F280_12 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 239 page
background image
CAN modules
ST10F280
162/239
Doc ID 8673 Rev. 3
15.4.1
Bit timing configuration
According to the CAN protocol specification, a bit time is subdivided into four segments:
Sync segment, propagation time segment, phase buffer segment 1 and phase buffer
segment 2.
Each segment is a multiple of the time quantum tq with tq = ( BRP + 1 ) x2 xtXCLK
The Synchronization Segment (Sync seg) is always 1 tq long. The Propagation Time
Segment and the Phase Buffer Segment1 (combined to Tseg1) defines the time before the
sample point, while Phase Buffer Segment2 (Tseg2) defines the time after the sample point.
The length of these segments is programmable (except Sync-Seg).
Note:
For exact definition of these segments please refer to the CAN Specification.
Figure 63.
Bit timing definition
02
Message 15 Interrupt: Bit INTPND in the Message Control Register of message object 15
(last message) has been set. The last message object has the highest interrupt priority of
all message objects. 1) (1)
(2+N)
Message N Interrupt: Bit INTPND in the Message Control Register of message object ‘N’
has been set (N = 1...14). (1)(2)
1.
Bit INTPND of the corresponding message object has to be cleared to give messages with a lower priority
the possibility to update INTID or to reset INTID to 00h (idle state).
2.
A message interrupt code is only displayed, if there is no other interrupt request with a higher priority.
Table 31.
INTID values and corresponding interrupt sources (continued)
INTID
Cause of the Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com