Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics ST10F280_12 Datasheet HTML 19Page - STMicroelectronics ST10F280_12 Datasheet HTML 20Page - STMicroelectronics ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics ST10F280_12 Datasheet HTML 24Page - STMicroelectronics ST10F280_12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 239 page
background image
ST10F280
Ball data
Doc ID 8673 Rev. 3
21/239
PORT0:
P0L.0 - P0L.7,
P0H.0 - P0H.7
I/O
PORT0 consists of the two 8-bit bidirectional I/O ports P0L and
P0H. It is bit-wise programmable for input or output via direction
bits. For a pin configured as input, the output driver is put into high-
impedance state.
In case of an external bus configuration, PORT0 serves as the
address (A) and address/data (AD) bus in multiplexed bus modes
and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width: 8-bit 16-bit
P0L.0 – P0L.7: D0 - D7 D0 - D7
P0H.0 – P0H.7: I/O D8 - D15
Multiplexed bus modes:
Data Path Width: 8-bit 16-bit
P0L.0 – P0L.7: AD0 - AD7 AD0 - AD7
P0H.0 – P0H.7: A8 - A15 AD8 - AD15
H16
I/O
P0L.0
H15
I/O
P0L.1
H14
I/O
P0L.2
G16
I/O
P0L.3
G15
I/O
P0L.4
G14
I/O
P0L.5
F16
I/O
P0L.6
E17
I/O
P0L.7
F15
I/O
P0H.0
E16
I/O
P0H.1
F14
I/O
P0H.2
D17
I/O
P0H.3
E15
I/O
P0H.4
D16
I/O
P0H.5
C17
I/O
P0H.6
E14
I/O
P0H.7
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com