Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA260 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA260
Description  Sirius SDARS channel, service & source decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA260 Datasheet(HTML) 5 Page - STMicroelectronics

  STA260 Datasheet HTML 1Page - STMicroelectronics STA260 Datasheet HTML 2Page - STMicroelectronics STA260 Datasheet HTML 3Page - STMicroelectronics STA260 Datasheet HTML 4Page - STMicroelectronics STA260 Datasheet HTML 5Page - STMicroelectronics STA260 Datasheet HTML 6Page - STMicroelectronics STA260 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STA260
Package information
5/7
Figure 3.
VFBGA (8x8x1.0mm 180+64 ball) mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.000
0.0394
A1
0.130
0.170
0.210 0.0051 0.0067 0.0083
A2
0.620
0.0244
A3
0.180
0.0071
A4
0.450
0.0177
b
0.220
0.260
0.300 0.0087 0.0102 0.0118
D
7.950
8.000
8.050 0.3130 0.3150 0.3169
D1
6.800
0.2677
E
7.950
8.000
8.050 0.3130 0.3150 0.3169
E1
6.800
0.2677
e
0.400
0.0157
F
0.600
0.0236
ddd
0.080
0.0031
eee
0.130
0.0051
fff
0.040
0.0016
VFBGA244
Very thin profile Fine Pitch Ball Grid Array
Body: 8 x 8 x 1.0mm
7520777 C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com