Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXK582000TM Datasheet(PDF) 2 Page - Sony Corporation

Part # CXK582000TM
Description  262144-word X 8-bit High Speed CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK582000TM Datasheet(HTML) 2 Page - Sony Corporation

  CXK582000TM Datasheet HTML 1Page - Sony Corporation CXK582000TM Datasheet HTML 2Page - Sony Corporation CXK582000TM Datasheet HTML 3Page - Sony Corporation CXK582000TM Datasheet HTML 4Page - Sony Corporation CXK582000TM Datasheet HTML 5Page - Sony Corporation CXK582000TM Datasheet HTML 6Page - Sony Corporation CXK582000TM Datasheet HTML 7Page - Sony Corporation CXK582000TM Datasheet HTML 8Page - Sony Corporation CXK582000TM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
– 2 –
CXK582000TM/YM/M
Address input
Data input output
Chip enable 1, 2 input
Write enable input
Output enable input
Power supply
Ground
Symbol
Description
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +7.0
–0.5
∗ to VCC + 0.5
–0.5
∗ to VCC + 0.5
0.7
0 to +70
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
∗ VIN, VI/O = –3.0V Min. for pulse width less than 50ns.
Pin Description
A0 to A17
I/O1 to I/O8
CE1, CE2
WE
OE
VCC
GND
Pin Configuration (Top View)
H
×
L
L
L
×
L
H
H
H
×
×
H
L
×
×
×
H
H
L
Not selected
Not selected
Output disable
Read
Write
High Z
High Z
High Z
Data out
Data in
ISB1, ISB2
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
CE1 CE2
OE
WE
Mode
I/O pin
VCC Current
Truth Table
×: “H” or “L”
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
CXK582000M
Vcc
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A11
A9
A8
A13
WE
CE2
A15
Vcc
A17
A16
A14
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE1
A10
OE
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A4
A5
A6
A7
A12
A14
A16
A17
Vcc
A15
CE2
WE
A13
A8
A9
A11 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
CXK582000TM
(Standard Pinout)
CXK582000YM
(Mirror image Pinout)
19
18
17
20
21
22
23
24
25
26
27
28
29
30
31
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com