Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS8L30DEE Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS8L30DEE
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8L30DEE Datasheet(HTML) 3 Page - STMicroelectronics

  STPS8L30DEE Datasheet HTML 1Page - STMicroelectronics STPS8L30DEE Datasheet HTML 2Page - STMicroelectronics STPS8L30DEE Datasheet HTML 3Page - STMicroelectronics STPS8L30DEE Datasheet HTML 4Page - STMicroelectronics STPS8L30DEE Datasheet HTML 5Page - STMicroelectronics STPS8L30DEE Datasheet HTML 6Page - STMicroelectronics STPS8L30DEE Datasheet HTML 7Page - STMicroelectronics STPS8L30DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS8L30DEE
Characteristics
Doc ID 023251 Rev 1
3/8
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature(
 = 0.5)
PF(AV)(W)
0
1
2
3
4
5
6
0
2
4
6
8
10
12
IF(AV)(A)
T
δ =tp/T
tp
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
0
2
4
6
8
10
0
25
50
75
100
125
150
IF(AV)(A)
Tamb(°C)
T
δ =tp/T
tp
Rth(j-a)=Rth(j-c)
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
P(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Single pulse
Figure 5.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 6.
Junction capacitance versus
reverse voltage applied (typical
values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
IR(mA)
VR(V)
Tj = 150 °C
Tj = 125 °C
Tj = 75 °C
Tj = 50 °C
Tj = 100 °C
Tj = 25 °C
C(pF)
100
1000
10000
1
10
100
VR(V)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com