Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3928S2 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3928S2
Description  280W GaN WIDEBAND PULSED POWER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928S2 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3928S2 Datasheet HTML 3Page - RF Micro Devices RF3928S2 Datasheet HTML 4Page - RF Micro Devices RF3928S2 Datasheet HTML 5Page - RF Micro Devices RF3928S2 Datasheet HTML 6Page - RF Micro Devices RF3928S2 Datasheet HTML 7Page - RF Micro Devices RF3928S2 Datasheet HTML 8Page - RF Micro Devices RF3928S2 Datasheet HTML 9Page - RF Micro Devices RF3928S2 Datasheet HTML 10Page - RF Micro Devices RF3928S2 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RF3928
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
R1
10
Panasonic
ERJ-8GEYJ100V
R2
0
Panasonic
ERJ-3GEY0R00
R3
51
Panasonic
ERJ-8GEYJ510
C1,C11
22pF
ATC
ATC100A220JT
C2, C14
12pF
ATC
ATC100A120JT
C5, C16
1000pF
Novacap
0805G102M101NT
C6, C15
10000pF
TDK
C2012X7R2A103M
C7
120
Panasonic
ERJ-6GEYJ120V
C8, C18
10
FPanasonic
EEA-FC1E100
C9
0.7pF
ATC
ATC100A0R7BT
C10
0.2pF
ATC
ATC100A0R2BT
C17
62pF
ATC
ATC100B620JT
L1
22nH
Coilcraft
0807SQ-22N_LC
L20, L21
115
, 10A
Steward
28F0181-1SR-10
L22, L23
75
, 10A
Steward
35F0121-1SR-10
C19
330
F
Illinois Capacitor
9337CKE100M
C3, C4, C7, C12, C13
NOT POPULATED
RF3928
C9
C2
C3
VGATE
C1
50
 strip
50
 strip
J2
RF OUT
L1
C4
C6
R2
C8
C12
C13
C14
C15
C16
C19
R3
C17
L22
L23
J1
RF IN
L21
L20
C18
+
VDRAIN
C11
C7
R1
C5
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com