Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800B Datasheet(PDF) 44 Page - SPANSION

Part # AM29F800B
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F800B Datasheet(HTML) 44 Page - SPANSION

Back Button AM29F800B_09 Datasheet HTML 37Page - SPANSION AM29F800B_09 Datasheet HTML 38Page - SPANSION AM29F800B_09 Datasheet HTML 39Page - SPANSION AM29F800B_09 Datasheet HTML 40Page - SPANSION AM29F800B_09 Datasheet HTML 41Page - SPANSION AM29F800B_09 Datasheet HTML 42Page - SPANSION AM29F800B_09 Datasheet HTML 43Page - SPANSION AM29F800B_09 Datasheet HTML 44Page - SPANSION AM29F800B_09 Datasheet HTML 45Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
42
Am29F800B
21504E8 November 17, 2009
D A TA SH EE T
REVISION SUMMARY (Continued)
Revision D (January 1999)
Distinctive Characteristics
Added the 20-year data retention subbullet.
Ordering Information
Optional Processing: Deleted “B = Burn-in”.
DC Characteristics—TTL/NMOS Compatible
ILIT: Added OE# and RESET to the Description column.
Changed “A9 = 12.5 V” to “A9 = OE# = RESET = 12.5
V” in the Test Conditions column.
I LO, ICC1 , I CC2 : Deleted “V CC = V CC max” in
Test Conditions.
ICC3: Added Note 4, “ICC3 = 20 µA max at extended
temperatures (>+85°C)”.
DC Characteristics—CMOS Compatible
ILIT: Added OE# and RESET to the Description column.
Changed “A9 = 12.5 V” to “A9 = OE# = RESET = 12.5
V” in the Test Conditions column.
ICC1, ICC2, ICC3: Deleted “VCC = VCCmax”; added
Note 2 “Maximum ICC specifications are tested with
VCC = VCCmax”.
Revision D+1 (March 23, 1999)
Command Definitions table
Corrected SA definition in legend; range should be
A18–A12. In Note 4, A17 should be A18.
Revision D+2 (July 2, 1999)
Global
Added references to availability of device in Known
Good Die (KGD) form.
Revision E (November 16, 1999)
AC Characteristics—Figure 13. Program
Operations Timing and Figure 14. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E+1 (August 4, 2000)
Global
Added FBGA package.
Revision E+2 (June 4, 2004)
Ordering Information
Added Pb-Free OPNs.
Revision E3 (December 22, 2005)
Global
Deleted reverse TSOP package option and 150 ns
speed option.
Revision E4 (May 19, 2006)
Added “Not recommended for new designs” note.
AC Characteristics
Changed tBUSY specification to maximium value.
Revision E5 (November 2, 2006)
Deleted “Not recommended for new designs” note.
Revision E6 (March 3, 2009)
Global
Added obsolescence information.
Revision E7 (August 3, 2009)
Global
Removed obsolescence information.
Revision E8 (November 17, 2009)
Global
Removed 90 ns and 120 ns speed options.
Removed all commercial temperature range options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com