Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3928B Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3928B
Description  380W GaN WIDEBAND PULSED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928B Datasheet(HTML) 4 Page - RF Micro Devices

  RF3928B Datasheet HTML 1Page - RF Micro Devices RF3928B Datasheet HTML 2Page - RF Micro Devices RF3928B Datasheet HTML 3Page - RF Micro Devices RF3928B Datasheet HTML 4Page - RF Micro Devices RF3928B Datasheet HTML 5Page - RF Micro Devices RF3928B Datasheet HTML 6Page - RF Micro Devices RF3928B Datasheet HTML 7Page - RF Micro Devices RF3928B Datasheet HTML 8Page - RF Micro Devices RF3928B Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture over Temperature
(Pulsed at Center Band Frequency)
10
11
12
13
14
15
16
17
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Gain versus Output Power (f=3200MHz)
(Pulsed10% duty cycle,100μS, V
D = 65V, IDQ = 440mA)
Gain 85°C
Gain 25°C
Gain 40°C
10
20
30
40
50
60
70
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Efficiency versus Output Power (f = 3200MHz)
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ= 440mA)
Eff 85°C
Eff 25°C
Eff 40°C
12
11
10
9
8
7
6
45
46
47
48
49
50
51
52
53
54
55
56
57
Output Power (dBm)
Input Return Lossversus Output Power (f= 3200MHz)
(Pulsed 10% duty cycle, 100μS, V
D = 65V, IDQ = 440mA)
IRL85°C
IRL25°C
IRL40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com