Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3931S2 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3931S2
Description  30W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3931S2 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3931S2 Datasheet HTML 5Page - RF Micro Devices RF3931S2 Datasheet HTML 6Page - RF Micro Devices RF3931S2 Datasheet HTML 7Page - RF Micro Devices RF3931S2 Datasheet HTML 8Page - RF Micro Devices RF3931S2 Datasheet HTML 9Page - RF Micro Devices RF3931S2 Datasheet HTML 10Page - RF Micro Devices RF3931S2 Datasheet HTML 11Page - RF Micro Devices RF3931S2 Datasheet HTML 12Page - RF Micro Devices RF3931S2 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF3931
DS120406
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RF3931 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board.
Evaluation board requires additional external fan cooling.
Connect all supplies before powering up the evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3. Apply -8V to VG.
4. Apply 48V to VD.
5. Increase VG until drain current reaches 130mA desired bias point.
6. Turn on the RF input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com