Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F160DB75 Datasheet(PDF) 15 Page - SPANSION

Part # AM29F160DB75
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F160DB75 Datasheet(HTML) 15 Page - SPANSION

Back Button AM29F160DB75 Datasheet HTML 11Page - SPANSION AM29F160DB75 Datasheet HTML 12Page - SPANSION AM29F160DB75 Datasheet HTML 13Page - SPANSION AM29F160DB75 Datasheet HTML 14Page - SPANSION AM29F160DB75 Datasheet HTML 15Page - SPANSION AM29F160DB75 Datasheet HTML 16Page - SPANSION AM29F160DB75 Datasheet HTML 17Page - SPANSION AM29F160DB75 Datasheet HTML 18Page - SPANSION AM29F160DB75 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
April 23, 2010 Am29F160D_00_D10
Am29F160D
13
D A TA SH EE T
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting the 16 Kbyte boot sector from
erasure without using VID.
If the system asserts VIL on the WP# pin, the device
disables erase functions for the 16 Kbyte boot sector
(SA34 for top boot device and SA0 for bottom boot de-
vice) independently of whether those sectors were
protected or unprotected using the method described
in Sector Protection/Unprotection‚ on page 12.
If the system asserts VIH on the WP# pin, the device
reverts to whether the 16 Kbyte boot sector was previ-
ously set to be protected or unprotected using the
method described in Sector Protection/Unprotection‚
on page 12.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to VID. During this mode, formerly protected
sectors can be programmed or erased by selecting the
sector addresses. However, note that the boot sector is
still protected from erasure only if WP# is asserted low.
Once VID is removed from the RESET# pin, all the pre-
viously protected sectors are protected again. Figure 2,
on page 14 shows the algorithm, and Figure 19, on
page 38 shows the timing diagrams, for this feature.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected. However, boot sector
remains protected from erasure only if WP# is low.
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com