Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M60C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30M60C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M60C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30M60C Datasheet HTML 1Page - STMicroelectronics STPS30M60C Datasheet HTML 2Page - STMicroelectronics STPS30M60C Datasheet HTML 3Page - STMicroelectronics STPS30M60C Datasheet HTML 4Page - STMicroelectronics STPS30M60C Datasheet HTML 5Page - STMicroelectronics STPS30M60C Datasheet HTML 6Page - STMicroelectronics STPS30M60C Datasheet HTML 7Page - STMicroelectronics STPS30M60C Datasheet HTML 8Page - STMicroelectronics STPS30M60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS30M60C
4/10
Doc ID 022020 Rev 1
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 7.
Relative thermal impedance
junction to case versus pulse
duration
I (A)
M
0
20
40
60
80
100
120
140
160
180
200
220
240
1.E-03
1.E-02
1.E-01
1.E+00
I
M
t
δ = 0.5
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
t(s)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
p
Figure 8.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
I (mA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
010
20
30
40
50
60
V (V)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
C(pF)
100
1000
10000
1
10
100
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
V (V)
R
Figure 10.
Forward voltage drop versus
forward current (per diode)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab
I
(A)
FM
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
(V)
FM
(Maximum values)
T = 125 °C
j
(Typical values)
T = 125 °C
j
(Maximum values)
T = 25 °C
j
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com