Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30M120S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30M120S
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M120S Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30M120S Datasheet HTML 1Page - STMicroelectronics STPS30M120S Datasheet HTML 2Page - STMicroelectronics STPS30M120S Datasheet HTML 3Page - STMicroelectronics STPS30M120S Datasheet HTML 4Page - STMicroelectronics STPS30M120S Datasheet HTML 5Page - STMicroelectronics STPS30M120S Datasheet HTML 6Page - STMicroelectronics STPS30M120S Datasheet HTML 7Page - STMicroelectronics STPS30M120S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS30M120S
2/8
Doc ID 022918 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.53 x IF(AV) + 0.0067 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values with terminals 1 and 3 short circuited at
Tamb = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS) Forward rms current
50
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 110 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sine-wave
260
A
PARM
(1)
1.
For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application
notes AN1768, “Admissible avalanche power of schottky diodes” and AN2025, “Converter improvement
using Schottky rectifier avalanche specification”.
Repetitive peak avalanche power
Tj = 125 °C, tp = 10 µs
1450
W
VARM
(2)
2.
See Figure 9
Maximum repetitive peak
avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 9.7 A
150
V
VASM
(2)
Maximum single-pulse
peak avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 9.7 A
150
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
1.3
°C/W
Table 4.
Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRM
-
70
345
µA
Tj = 125 °C
-
25
65
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 125 °C
IF = 5 A
-
0.45
0.50
V
Tj = 125 °C
IF = 10 A
-
0.52
0.57
Tj = 25 °C
IF = 15 A
-0.75
Tj = 125 °C
-
0.57
0.62
Tj = 25 °C
IF = 30 A
-0.90
Tj = 125 °C
-
0.66
0.73
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com