Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1045DEE Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1045DEE
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045DEE Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1045DEE Datasheet HTML 1Page - STMicroelectronics STPS1045DEE Datasheet HTML 2Page - STMicroelectronics STPS1045DEE Datasheet HTML 3Page - STMicroelectronics STPS1045DEE Datasheet HTML 4Page - STMicroelectronics STPS1045DEE Datasheet HTML 5Page - STMicroelectronics STPS1045DEE Datasheet HTML 6Page - STMicroelectronics STPS1045DEE Datasheet HTML 7Page - STMicroelectronics STPS1045DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS1045DEE
2/8
Doc ID 023252 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.41 x IF(AV) + 0.012 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
15
A
IF(AV)
Average forward current
Tc = 145 °C
= 0.5
10
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal
100
A
P
ARM
(1)
1.
For pulse time duration deratings, please refer to Figure 3. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application
notes AN1768, “Admissible avalanche power of schottky diodes” and AN2025, “Converter improvement
using Schottky rectifier avalanche specification”.
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
300
W
Tstg
Storage temperature range
-65 to +175 °C
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
4
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-
200
µA
Tj = 125 °C
-
15
40
mA
VF
(2)
2.
Pulse test: tp = 380 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 10A
0.59
V
Tj = 125 °C
-
0.45
0.53
Tj = 25 °C
IF = 20A
-0.72
Tj = 125 °C
-
0.57
0.65



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com