Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1545C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1545C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1545C_10 Datasheet HTML 1Page - STMicroelectronics STPS1545C_10 Datasheet HTML 2Page - STMicroelectronics STPS1545C_10 Datasheet HTML 3Page - STMicroelectronics STPS1545C_10 Datasheet HTML 4Page - STMicroelectronics STPS1545C_10 Datasheet HTML 5Page - STMicroelectronics STPS1545C_10 Datasheet HTML 6Page - STMicroelectronics STPS1545C_10 Datasheet HTML 7Page - STMicroelectronics STPS1545C_10 Datasheet HTML 8Page - STMicroelectronics STPS1545C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS1545C
4/10
Doc ID 3503 Rev 7
Figure 11.
Thermal resistance junction to ambient versus copper surface under tab (DPAK)
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
0
5
10
15
20
25
30
35
40
45
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
5E+4
I (µA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
T =50°C
j
T =75°C
j
12
5
10
20
50
100
200
500
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 9.
Forward voltage drop versus
forward current (high values, per
diode)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (D2PAK)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
I
(A)
FM
T =125°C
(typical values)
j
T =25°C
maximum values
j
T =125°C
maximum values
j
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
D²PAK
Epoxy printed circuit board
copper thickness = 35 µm
R
(°C/W)
th(j-a)
S (cm²)
cu
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
DPAK
Epoxy printed circuit board
copper thickness = 35 µm
R
(°C/W)
th(j-a)
S (cm²)
cu



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com