Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7003ITD833TP Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS7003ITD833TP
Description  A 300ksps, Single-supply, 12-Bit Serial-output ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7003ITD833TP Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS7003ITD833TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS7003ITD833TP Datasheet HTML 2Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS7003 Product Brief
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
PRELIMINARY
FEATURES
 Pin-Compatible, Single-channel Higher-Speed
Upgrade to MAX1286
 Single-Supply Operation: +2.7V to +3.6V
 DNL & INL: ±1LSB (max)
 300ksps Sampling Rate
 Low Conversion-Mode Supply Current:
0.95mA @ 300ksps
 Low Supply Current in Shutdown: 0.2µA
 Internal Track-and-Hold
 Internal +2.5V Reference
 SPI/QSPI/MICROWIRE 3-Wire Serial-Interface
 8-Pin, 3mm x 3mm TDFN-EP Package
APPLICATIONS
Process Control and Factory Automation
Data and Low-frequency Signal Acquisition
Portable Data Logging
Pen Digitizers & Tablet Computers
Medical Instrumentation
Battery-powered Instruments
DESCRIPTION
The TS7003
– a single-supply, single-channel, 12-bit
analog-to-digital converter (ADC) - is Touchstone
Semiconductor’s 1st successive-approximation ADC
that combines a high-bandwidth track-and-hold (T/H),
a high-speed serial digital interface, an internal +2.5V
reference,
and
low
conversion-mode
power
consumption. The TS7003 operates from a single
+2.7V to+3.6V supply and draws less than 1mA at
300ksps.
Connecting
directly
to
any
SPI™/QSPI™/
MICROWIRE™ microcontrollers and other interface-
compatible computing devices, the TS7003’s 3-wire
serial interface is easy to use and doesn’t require
separate, external logic. An external serial-interface
clock controls the TS7003’s conversion process and
its output shift register operation.
In PCB-space-conscious, low-power remote-sensor
and data-acquisition applications, the TS7003 is an
excellent choice for its low-power, ease-of-use, and
small-package-footprint attributes.
As
a
pin-compatible
and
higher-speed
to
the
MAX1286, the TS7003 is fully specified over the -
40°C to +85°C temperature range and is available in
a low-profile, 8-pin 3x3mm TDFN package with an
exposed back-side paddle.
FUNCTIONAL BLOCK DIAGRAM
A 300ksps, Single-supply, 12-Bit Serial-output ADC
The Touchstone Semiconductor logo is a registered trademark of
Touchstone Semiconductor, Incorporated.


Similar Part No. - TS7003ITD833TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003ITD833TP TOUCHSTONE-TS7003ITD833TP Datasheet
963Kb / 14P
A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

Similar Description - TS7003ITD833TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
8-Bit, 300ksps, Serial Output ADC Family
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
A 300ksps, Single-supply, 12-Bit Serial-output ADC
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com