Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5045S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5045S
Description  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5045S Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5045S Datasheet HTML 1Page - STMicroelectronics STPS5045S Datasheet HTML 2Page - STMicroelectronics STPS5045S Datasheet HTML 3Page - STMicroelectronics STPS5045S Datasheet HTML 4Page - STMicroelectronics STPS5045S Datasheet HTML 5Page - STMicroelectronics STPS5045S Datasheet HTML 6Page - STMicroelectronics STPS5045S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS5045S
2/7
Doc ID022861 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.38 x IF(AV) + 0.0036 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS) Forward rms current
90
A
IF(AV)
Average forward current
δ = 0.5
Tc = 135 °C
50
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
600
A
PARM
Repetitive peak avalanche power
tp = 10 µs Tj = 125 °C
1200
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
Maximum operating junction temperature in DC forward mode(2)
2.
Maximum operating junction temperature only in DC forward mode
+200
°C
Maximum operating junction temperature
+175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
1.0
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
0.090
0.36
mA
Tj = 75 °C
VR = 20 V
0.7
1.9
Tj = 125 °C
VR = VRRM
65
185
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 50 A
0.55
0.61
V
Tj = 125 °C
0.48
0.56
Tj = 200 °C
IF = 10 A
0.22
IF =20 A
0.28
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com