Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30150C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30150C
Description  High voltage power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30150C_10 Datasheet HTML 1Page - STMicroelectronics STPS30150C_10 Datasheet HTML 2Page - STMicroelectronics STPS30150C_10 Datasheet HTML 3Page - STMicroelectronics STPS30150C_10 Datasheet HTML 4Page - STMicroelectronics STPS30150C_10 Datasheet HTML 5Page - STMicroelectronics STPS30150C_10 Datasheet HTML 6Page - STMicroelectronics STPS30150C_10 Datasheet HTML 7Page - STMicroelectronics STPS30150C_10 Datasheet HTML 8Page - STMicroelectronics STPS30150C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS30150C
Characteristics
Doc ID 7757 Rev 8
3/11
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5ms,
δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
6.5
µA
Tj = 125 °C
8
mA
VF
(2)
2.
Pulse test: tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.64 x IF(AV) + 0.0073 IF
2
(RMS)
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.92
V
Tj = 125 °C
IF = 15 A
0.69
0.75
Tj = 25 °C
IF = 30 A
1
Tj = 125 °C
IF = 30 A
0.8
0.86
Figure 1.
Average forward power dissipation
versus average forward current (per
diode)
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5, per
diode)
0
1
2
3
4
5
6
7
8
9
1011
1213
1415
1617
18
0
2
4
6
8
10
12
14
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
P
(W)
F(AV)
I
(A)
F(AV)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Rth(j-a)=Rth(j-c)
TO-220FP
TO-220AB / TO-247 / D PAK
2
T
δ=tp/T
tp
I
(A)
F(AV)
T
(°C)
amb
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com