Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4R02-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH4R02-Y
Description  Automotive ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH4R02-Y Datasheet HTML 1Page - STMicroelectronics STTH4R02-Y Datasheet HTML 2Page - STMicroelectronics STTH4R02-Y Datasheet HTML 3Page - STMicroelectronics STTH4R02-Y Datasheet HTML 4Page - STMicroelectronics STTH4R02-Y Datasheet HTML 5Page - STMicroelectronics STTH4R02-Y Datasheet HTML 6Page - STMicroelectronics STTH4R02-Y Datasheet HTML 7Page - STMicroelectronics STTH4R02-Y Datasheet HTML 8Page - STMicroelectronics STTH4R02-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH4R02-Y
Characteristics
Doc ID 17391 Rev 1
3/9
Figure 1.
Peak current versus duty cycle
Figure 2.
Forward voltage drop versus
forward current (typical values)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
M(A)
T
d=tp/T
tp
I
M
T
δ=tp/T
tp
I
M
P = 2 W
P = 2 W
P = 1 W
P = 1 W
P = 5 W
P = 5 W
δ
I
FM(A)
0
25
50
75
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
j=25°C
T
j=150°C
VFM(V)
Figure 3.
Forward voltage drop versus
forward current (maximum values)
Figure 4.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration (SMB)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
FM(A)
T
j=25°C
T
j=150°C
VFM(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
SMB
S
Cu=1cm²
tp(s)
Figure 5.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration (SMC)
Figure 6.
Junction capacitance versus
reverse applied voltage
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)/Rth(j-a)
SMC
S
Cu=1cm²
tp(s)
10
100
1
10
100
1000
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com