Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH802-Y
Description  Automotive ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH802-Y Datasheet HTML 1Page - STMicroelectronics STTH802-Y Datasheet HTML 2Page - STMicroelectronics STTH802-Y Datasheet HTML 3Page - STMicroelectronics STTH802-Y Datasheet HTML 4Page - STMicroelectronics STTH802-Y Datasheet HTML 5Page - STMicroelectronics STTH802-Y Datasheet HTML 6Page - STMicroelectronics STTH802-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH802-Y
4/7
Doc ID 018563 Rev 2
Figure 7.
Reverse recovery time versus dIF/dt
(typical values)
Figure 8.
Peak reverse recovery current
versus dIF/dt (typical values)
0
10
20
30
40
50
60
70
80
10
100
1000
t
RR(ns)
I
F=8A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0
2
4
6
8
10
12
10
100
1000
I
RM(A)
I
F=8A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
Figure 9.
Dynamic parameters versus
junction temperature
Figure 10.
Thermal resistance, junction to
ambient, versus copper surface
under tab
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=8A
V
R=160V
Tj(°C)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
1012
1416
1820
S(cm²)
Rth
(°CW)
(j-a)
epoxy printed board copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com