Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS5L25
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS5L25 Datasheet HTML 1Page - STMicroelectronics STPS5L25 Datasheet HTML 2Page - STMicroelectronics STPS5L25 Datasheet HTML 3Page - STMicroelectronics STPS5L25 Datasheet HTML 4Page - STMicroelectronics STPS5L25 Datasheet HTML 5Page - STMicroelectronics STPS5L25 Datasheet HTML 6Page - STMicroelectronics STPS5L25 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS5L25
Characteristics
3/7
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0
1
2345
6
0.0
0.5
1.0
1.5
2.0
2.5
IF(av) (A)
PF(av)(W)
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
T
δ=tp/T
tp
0
25
50
75
100
125
150
0
1
2
3
4
5
6
IF(av)(A)
Rth(j-a)=70°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 6.
Relative variation of thermal
impedance junction to case
versus pulse duration
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
t(s)
IM
t
δ=0.5
1.0E-4
1.0E-3
1.0E-2
1.0E-1
1.0E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com