Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTL1021 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # XTL1021
Description  High Performance Crystal for Wireless Communications Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XTL1021 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  XTL1021 Datasheet HTML 1Page - RF Monolithics, Inc XTL1021 Datasheet HTML 2Page - RF Monolithics, Inc XTL1021 Datasheet HTML 3Page - RF Monolithics, Inc XTL1021 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 4
©2009-2010 by RF Monolithics, Inc.
XTL1021 - 2/3/10
2.2 ±0.1
1.7 ±0.1
5 . 0 ± 0 . 1
T o p V i e w
D o t i n d i c a t e s P i n 3 l o c a t i o n
0 . 8
± 0 . 1
S i d e V i e w
B o t t o m V i e w
P i n s 2 a n d 4 a r e
c o n n e c t e d t o t h e l i d
2 . 4 ± 0 . 2
1 . 2
± 0 . 1
1 . 4
± 0 . 2
4
3
2
1
0 . 8
± 0 . 1
D i m e n s i o n s a r e i n m m
Electrical Connections
Pin
Connection
1IN/OUT
2
GND (lid)
3IN/OUT
4
GND (lid)
4-Terminal Surface-Mount Seam Weld Case
5.0 x 3.2 mm Nominal Footprint
SM5032-4 Case
Footprint (mm)
Package Orientation in Carrier Tape
Pin 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com