Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBAT49 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TMBAT49
Description  Small signal Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TMBAT49 Datasheet(HTML) 3 Page - STMicroelectronics

  TMBAT49_10 Datasheet HTML 1Page - STMicroelectronics TMBAT49_10 Datasheet HTML 2Page - STMicroelectronics TMBAT49_10 Datasheet HTML 3Page - STMicroelectronics TMBAT49_10 Datasheet HTML 4Page - STMicroelectronics TMBAT49_10 Datasheet HTML 5Page - STMicroelectronics TMBAT49_10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TMBAT49
Characteristics
Doc ID 3484 Rev 2
3/6
Figure 1.
Forward voltage drop versus
forward current (typical values, low
level)
Figure 2.
Forward voltage drop versus
forward current (typical values,
high level)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T = 100 °C
j
T = 25 °C
j
T = 55 °C
j
V
(V)
FM
I
(mA)
FM
0
1
2
3
4
5
6
7
8
9
10
0.00
0.25
0.50
0.75
1.00
1.25
1.50
T = 25 °C
j
V
(V)
FM
I
(A)
FM
Figure 3.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 4.
Junction capacitance versus
reverse voltage applied
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
1020
3040
50
6070
80
T = 125 °C
j
T = 100 °C
j
T = 75 °C
j
T = 50 °C
j
T = 25 °C
j
V (V)
R
I (mA)
R
10
100
1
10
100
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
j
V (V)
R
C(pF)
Figure 5.
Non-repetitive peak surge forward
current versus pulse duration
(square waveform)
Figure 6.
Non-repetitive peak surge forward
current versus number of cycles
0
5
10
15
20
25
0.1
1.0
10.0
I
(A)
FSM
t (ms)
p
1
10
1
10
100
Number of cycles
One cycle
t =10 ms
p
I
(A)
FSM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com