Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS556
Description  Low-power dual CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS556_08 Datasheet HTML 11Page - STMicroelectronics TS556_08 Datasheet HTML 12Page - STMicroelectronics TS556_08 Datasheet HTML 13Page - STMicroelectronics TS556_08 Datasheet HTML 14Page - STMicroelectronics TS556_08 Datasheet HTML 15Page - STMicroelectronics TS556_08 Datasheet HTML 16Page - STMicroelectronics TS556_08 Datasheet HTML 17Page - STMicroelectronics TS556_08 Datasheet HTML 18Page - STMicroelectronics TS556_08 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TS556
Package information
15/19
5.1
DIP14 package information
Figure 8.
DIP14 package mechanical drawing
Note:
D and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions
shall not exceed 0.25 mm.
Table 11.
DIP14 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.21
A1
0.38
0.015
A2
2.92
3.30
4.95
0.11
0.13
0.19
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.04
0.06
0.07
c
0.20
0.25
0.36
0.007
0.009
0.01
D
18.67
19.05
19.69
0.73
0.75
0.77
E
7.62
7.87
8.26
0.30
0.31
0.32
E1
6.10
6.35
7.11
0.24
0.25
0.28
e2.54
0.10
e1
15.24
0.60
eA
7.62
0.30
eB
10.92
0.43
L
2.92
3.30
3.81
0.11
0.13
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com