Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VB525SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VB525SP-E Datasheet HTML 6Page - STMicroelectronics VB525SP-E Datasheet HTML 7Page - STMicroelectronics VB525SP-E Datasheet HTML 8Page - STMicroelectronics VB525SP-E Datasheet HTML 9Page - STMicroelectronics VB525SP-E Datasheet HTML 10Page - STMicroelectronics VB525SP-E Datasheet HTML 11Page - STMicroelectronics VB525SP-E Datasheet HTML 12Page - STMicroelectronics VB525SP-E Datasheet HTML 13Page - STMicroelectronics VB525SP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
VB525SP-E
10/19
Doc ID 18022 Rev 1
Idiag
High level flag output
current
IC > IdiagTH; Vdiag =3V
0.5
mA
Idiag(leak)
Leakage current on
flag output
VIN =Low; VCC =5.5 V
10
µA
VF
Anti parallel diode
forward voltage
IC =-1A
2
V
Es/b
Single pulse
avalanche energy
L=6mH; IC = 8 A
180
mJ
tON
Turn-on time
Rc =0.5 Ω; Lc =3.75mH;
Tj =25°C; Vbat =13 V
(see Figure 3)
15
µs
tOFF
Turn-off time
Rc =0.5 Ω; Lc =3.75mH;
IC = 6.5 A; Tj =25°C; Vbat =13V
(see Figure 3)
15
25
µs
Tsd
Thermal shutdown
intervention
150
°C
VEH
High level enable
voltage
VIN =VINH; OUT = Off
(3)
2V
VEL
Low level enable
voltage
VOUT free to follow VIN
0.40
V
IEH
High level enable
current
VE =5V
500
µA
IEL
Low level enable
current
VE < 0.4 V
-200
µA
VBD(off)
Base darlington
voltage off
VE =VEH
1V
VBD(on)
Base darlington
voltage on
VIN =VINH; VE =VEL; IC =6.5 A
1.8
V
1.
The primary coil current value Icl must be measured ms after desaturation of the power stage.
2.
No internal pull-down.
3.
If ENABLE pin is floating OUT = Off for every input status.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com