Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXL5502P Datasheet(PDF) 5 Page - Sony Corporation

Part # CXL5502P
Description  CMOS-CCD 1H Delay Line for NTSC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5502P Datasheet(HTML) 5 Page - Sony Corporation

  CXL5502P Datasheet HTML 1Page - Sony Corporation CXL5502P Datasheet HTML 2Page - Sony Corporation CXL5502P Datasheet HTML 3Page - Sony Corporation CXL5502P Datasheet HTML 4Page - Sony Corporation CXL5502P Datasheet HTML 5Page - Sony Corporation CXL5502P Datasheet HTML 6Page - Sony Corporation CXL5502P Datasheet HTML 7Page - Sony Corporation CXL5502P Datasheet HTML 8Page - Sony Corporation CXL5502P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
– 5 –
CXL5502M/N/P
—
—
2.1
—
—
VINPN + 0.5
VINNP
—
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
b
a
10
–2
–2
0
0
—
52
19
0
–1
5
5
—
56
28
2
0
7
7
350
—
mA
dB
dB
%
degree
mVp-p
dB
2
3
4
5
5
6
7
Unit
Note
Max.
Min.
Typ.
Bias condition
Vbias1 (V)
(Note 1)
Electrical Characteristics
(Ta = 25°C, VDD = 5V, fCLK = 3.579545MHz, VCLK = 500mVp-p, Sine wave)
See "Electrical Characteristics Test Circuit"
Notes
(1) VINPN and VINNP are defined as follows.
VINPN and VINNP are the input signal clamp levels of PN and NP modes clamping the video signal sync
tip level.
Testing of VINPN and VINNP is executed with a voltmeter under the following SW conditions.
Item
Symbol
Test condition
SW condition
1 2 3 4 5 6 7
—
a
b
c
d
d
—
e
c
a
a
a
b
a
b
c
a
b
b
b
a
b
b
a
b
a
a
b
a
a
b
a
—
b
b
c
c
a
d
—
200kHz,
500mVp-p,
sine wave
200kHz
←→ 3.57MHz,
150mVp-p,
sine wave
5-staircase wave
(See Note 5)
5-staircase wave
(See Note 5)
No signal input
50% white
video signal
(See Note 7)
IDDPN
IDDNP
GLPN
GLNP
fPN
fNP
DGPN
DGNP
DPPN
DPNP
CPPN
CPNP
SNPN
SNNP
Supply
current
Low
frequency
gain
Frequency
response
Differential
gain
Differential
phase
S/H pulse
coupling
S/N ratio
1
Input
(IN)
VINPN
CXL5502
VINNP
SW condition
Item
VINPN
VINNP
Test
point
V1
1
—
—
2
c
c
3
b
b
4
b
a
5
b
a
6
a
a
7
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com