Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3608D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3608D
Description  426.4 MHz SAW Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3608D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3608D Datasheet HTML 1Page - RF Monolithics, Inc RF3608D Datasheet HTML 2Page - RF Monolithics, Inc RF3608D Datasheet HTML 3Page - RF Monolithics, Inc RF3608D Datasheet HTML 4Page - RF Monolithics, Inc RF3608D Datasheet HTML 5Page - RF Monolithics, Inc RF3608D Datasheet HTML 6Page - RF Monolithics, Inc RF3608D Datasheet HTML 7Page - RF Monolithics, Inc RF3608D Datasheet HTML 8Page - RF Monolithics, Inc RF3608D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 10
©2009-2010 by RF Monolithics, Inc.
RF3608D - 6/9/10
5
6
7
8
1
3
2
R F 3 6 0 8 D
5 0 o h m
A n t e n n a
T R C 1 0 5
3 1
3 2
0 . 0 4 7 µ F
4 7 0 p F
V D D _ P A
R F 3 6 0 8 D - T R C 1 0 5 A p p l i c a t i o n C i r c u i t
F a i r - R i t e
2 5 0 6 0 3 1 2 1 7 Y O b e a d
2 2 0 n H
4
3 3 n H
3 3 n H
1 . 2 p F
5 . 6 n H
5
6
7
8
1
3
2
R F 3 6 0 8 D
5 0 o h m
R F 3 6 0 8 D 5 0 O h m T u n i n g N e t w o r k
2 2 0 n H
4
5 0 o h m
3 5 n H
7 p F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com