Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-MIC06F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-MIC06F3
Description  2-line IPAD??EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC06F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-MIC06F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF02-MIC06F3
Characteristics
Doc ID 15195 Rev 4
3/8
Figure 3.
Electrical characteristics (definitions)
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
R
=
Series resistance
between input and output
C
=
Line capacitance
BR
RM
RM
I/O
line
I
V
VBR
VRM
IR
IRM
IRM
IR
VRM
VBR
Table 2.
Electrical characteristics - values (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
14
V
IRM
VRM = 3 V per line
100
nA
R11
1.922.1
k
Ω
R12
0.811.2
k
Ω
R21, R22
1.76
2.2
2.64
k
Ω
R31
20
25
30
Ω
C11, C12
VR = 0 V
0.8
1
nF
C21, C22
VR = 0 V
1
1.25
nF
Figure 4.
Attenuation simulation with
1 k
Ω input and 10 kΩ output
Figure 5.
Analog crosstalk measurement
db
10
100
1k
10k
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
Ω simulations
50
Ω measurements
Input: 1 k
Ω
Ω
Output: 10 k
AC simulation
F (Hz)
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Mic2p-On
Mic2n-Op
F (Hz)
db



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com