Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB03F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-USB03F2
Description  2-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB03F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-USB03F2_10 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 7Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF02-USB03F2
Characteristics
Doc ID 10740 Rev 5
3/8
Figure 7.
Junction capacitance versus reverse voltage applied (typical values)
Figure 3.
Filtering measurement
Figure 4.
Analog crosstalk measurement
100k
1M
10M
100M
1G
-40
-30
-20
-10
0
D+In D+Out
D-In D-Out
dB
F (Hz)
100k
1M
10M
100M
1G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D-In D+Out
DZ ID
dB
F (Hz)
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
Vin and on one output Vout
Figure 6.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one input
Vin and on one output Vout
IN
OUT
VCL = 74 V
VCL = 27 V
20.0 V / Div.
10.0 V / Div.
100 ns / Div.
100 ns / Div.
IN
OUT
VCL = -47 V
10.0 V / Div.
10.0 V / Div.
100 ns / Div.
100 ns / Div.
VCL = -23 V
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3456
78
9
10
11
12
C(pF)
VLINE (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com