Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM04F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM04F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM04F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM04F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM04F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF03-SIM04F3
Electrical characteristics
Doc ID 17053 Rev 2
3/7
Figure 8.
Digital crosstalk measurement
Figure 4.
S21 (dB) attenuation measurement
B3 - B1
Figure 5.
S21 (dB) analog crosstalk
measurements C3 - A1
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-
1.0G
-
-
-
-
-
-
-
-
-
10.00
-
0.00
F (Hz)
S21 (dB)
100.0k
10.0M
100.0M
1.0G
100.00
-80.00
-60.00
-40.00
-20.00
-
-
-
-
-
0.00
1.0M
S21 (dB)
F (Hz)
Figure 6.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one line
Figure 7.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one line
IN
OUT
C3
C2
20 V/Div
10 V/Div
100 ns/dIV
100 ns/dIV
C3
C2
IN
OUT
10 V/Div
10 V/Div
100 ns/Div
100 ns/Div
IN
OUT
C3
C2
1 V/Div
500 mV/Div
20 ns/Div
20 ns/Div



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com