Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-1002F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-1002F2
Description  6-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1002F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-1002F2 Datasheet HTML 1Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 2Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 3Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 4Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 5Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-1002F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical characteristics
EMIF06-1002F2
2/7
Doc ID 14730 Rev 2
1
Electrical characteristics
Table 1.
Absolute maximum ratings(1)
1.
(Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4 on external pins (I1 to I6)
Air discharge
Contact discharge
Air discharge on internal pins (O1 to O6)
Contact discharge on internal pins (O1 to O6)
15
8
2
2
kV
Tj
Junction temperature range
-30 to 125
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 2.
Electrical characteristics(1)
1.
(Tamb = 25 °C)
Symbol
Parameters
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
RI/O
Series resistance between input and
output
Cline
Input capacitance per line
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1 mA
6
V
IRM
VRM = 3 V
200
nA
RI/O
80
100
120
Ω
Cline
VR = 3 V DC, F = 1 MHz
9.2
11.5
13.8
pF
FC
Cut-off frequency (Zsource = Zload = 50 Ω)
280
MHz
I
V
IF
VF
IRM
IR
IPP
VRM
VBR
VCL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com