Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF07-LCD02F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF07-LCD02F3
Description  7-line IPAD?? EMI filter and ESD protection for LCD and cameras
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF07-LCD02F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF07-LCD02F3_10 Datasheet HTML 1Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 2Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 3Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 4Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 5Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 6Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 7Page - STMicroelectronics EMIF07-LCD02F3_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
EMIF07-LCD02F3
2/8
Doc ID 11639 Rev 3
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameters
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
IPP
Peak pulse current
RI/O
Series resistance between input and output
Cline
Input capacitance per line
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1 mA
6
8
10
V
IRM
VRM = 3 V
50
200
nA
R2
Tolerance ± 20%
70
Ω
Cline
Vline = 0 V, VOSC = 30 mV, F =1 MHz
30
pF
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com