Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSP320SHMI Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSP320SHMI
Description  SPEAr320S expansion board for HMI applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSP320SHMI Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSP320SHMI Datasheet HTML 1Page - STMicroelectronics EVALSP320SHMI Datasheet HTML 2Page - STMicroelectronics EVALSP320SHMI Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2012
Doc ID 023094 Rev 1
1/3
3
EVALSP320SHMI
SPEAr320S expansion board for HMI applications
Features
■ 2 x Ethernet RJ45 connectors (ST802RT1A)
■ 1x LCD interface for 5.7” 640x480 EDT screen
(ET057010DHU)
■ 1x Unified LCD interface (EDT displays with
Unified interface)
■ 1x Resistive touch screen interface
(STMPE811)
■ 2 x CAN DB9 plug connectors
■ 3 x RS232 DB9 plug connectors
(ST3232EBTR)
■ Onboard temperature sensor and
potentiometer (STMPE811)
■ 64 Kbit dual interface EEPROM: ISO 15693
and ISO 18000-3 mode 1 compliant
contactless interface + I2C (M24LR64)
■ 4 Gb NAND flash memory
■ I2S stereo audio input and output
■ Analog extension connector featuring 8 ADC
lines
■ General purpose extension connector with
GPIOs and I2C functionality
■ Unified Power Line modem (PLM) connector
■ DC/DC converter L7986A (+24V/+5V)
■ MicroSDcard socket
■ 3 LEDs
■ 2 general purpose buttons
■ System reset button
Description
The EVALSP320SHMI expansion board is
intended to be used in conjunction with a
SPEAr320S CPU board (sold separately: order
code EVALSP320SCPU) to evaluate the
SPEAr320S microprocessor with a variety of
devices, especially in its HMI automation mode.
CPU board
Application board
www.st.com


Similar Part No. - EVALSP320SHMI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSP320SCPU STMICROELECTRONICS-EVALSP320SCPU Datasheet
181Kb / 3P
EVALSP320SCPU evaluation board for SPEAr320S
12-Apr-2012
EVALSP320SPLC STMICROELECTRONICS-EVALSP320SPLC Datasheet
207Kb / 4P
EVALSP320SPLC evaluation board for SPEAr320S
12-Apr-2012
More results

Similar Description - EVALSP320SHMI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7802 SANYO-LC7802 Datasheet
74Kb / 5P
Output Port Expansion IC for VTR Applications
logo
Texas Instruments
DK-LM3S9B96-EM2 TI-DK-LM3S9B96-EM2 Datasheet
185Kb / 3P
Stellaris짰 EM2 Expansion Board for Development Kits
logo
STMicroelectronics
EVALSP320SCPU STMICROELECTRONICS-EVALSP320SCPU Datasheet
181Kb / 3P
EVALSP320SCPU evaluation board for SPEAr320S
12-Apr-2012
EVALSP320SPLC STMICROELECTRONICS-EVALSP320SPLC Datasheet
207Kb / 4P
EVALSP320SPLC evaluation board for SPEAr320S
12-Apr-2012
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
Inductive Touch Solution for Low-Power HMI Button Applications
logo
STMicroelectronics
X-NUCLEO-GFX01M1 STMICROELECTRONICS-X-NUCLEO-GFX01M1 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
X-NUCLEO-STMODA1 STMICROELECTRONICS-X-NUCLEO-STMODA1 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
logo
SparkFun Electronics
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com