Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALSP320SPLC Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVALSP320SPLC
Description  EVALSP320SPLC evaluation board for SPEAr320S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSP320SPLC Datasheet(HTML) 2 Page - STMicroelectronics

  EVALSP320SPLC Datasheet HTML 1Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 2Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 3Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
EVALSP320SPLC
2/4
Doc ID 023093 Rev 1
1
Description
This evaluation board can be used to evaluate the SPEAr320S microprocessor with a
variety of devices and especially its Media Independent Interface (MII) Automation mode.
The EVALSP320SPLC evaluation kit includes a single application board identified as "MII
mode".
The SPEAr320S microprocessor is mounted on a separate CPU board, which is not
included with the EVALSP320SPLC kit. It must be ordered separately with order code
EVALSP320SCPU.
The EVALSP320SCPU board must be plugged on the MII mode application board.
The MII mode application board is equipped with two Ethernet, three RS-232, one RS-485,
two CAN, SPI, I2C communication interfaces and MicroSD card socket with SDIO interface.
There are also two general-purpose push-buttons, four LEDs, a temperature sensor and a
potentiometer available for the user interface.
The application board also includes digital input/output serial/parallel connectors with a
pinout compatible to many existing evaluation boards from ST.
The application board can be powered using a standard DC power supply (7 V to 30 V DC)
or directly using a 24 V DC industrial mains supply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com